Part Number Hot Search : 
1N5261B DAN202U XN09D58 60DNT YAAMUA B6570108 INTER 157HGP
Product Description
Full Text Search
 

To Download 0603LS-101XL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 264-1
Chip Inductors - 0603LS Series (1608)
* Higher inductance values than other 0603 inductors * Ferrite construction for high current handling * Inductance values: 47 nH - 22 H; 5% and 2% tolerance
Designer's Kit C347 contains 10 each of all 5% values Core material Ceramic/Ferrite Terminations RoHS compliant silver-palladium-platinum-glass frit. Other terminations available at additional cost. Weight 4.8 - 6.2 mg Ambient temperature -40C to +85C with Irms current, +85C to +100C with derated current Storage temperature Component: -40C to +100C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles
10000
8200 nH 3300 nH
Typical L vs Frequency
100000
Temperature Coefficient of Inductance (TCL) +50 to +150 ppm/C Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) One per billion hours / one billion hours, calculated per Telcordia SR-332 Packaging 2000 per 7 reel. Plastic tape: 8 mm wide, 0.23 mm thick, 4 mm pocket spacing, 1.1 mm pocket depth PCB washing Only pure water or alcohol recommended
Inductance (nH)
1000
1000 nH 330 nH 100 nH
100
10 1 10 100 1000
Irms Derating
120 110 100
Frequency (MHz)
Typical Q vs Frequency
35 30
Percent of rated Irms
90 80 70 60 50 40 30 20 10
25
8200 nH 1000 nH 100 nH
Q factor
15
3300 nH 330 nH
10
0 -40 -20 0 20 40 60 80 100 120
Ambient temperature (C)
5 0 0.1 1 10 100
Frequency (MHz)
Specifications subject to change without notice. Please check our website for latest information.
Document 264-1
25C
20
Revised 10/06/08
(c) Coilcraft, Inc. 2009
Document 264-2
Chip Inductors - 0603LS Series
Part number1 Inductance2 (nH) Percent tolerance Q min3 SRF min4 (MHz) DCR max5 (Ohms) Irms6 (A) Color code Overall width
0603LS-47NX_L_ 0603LS-51NX_L_ 0603LS-72NX_L_ 0603LS-101X_L_ 0603LS-121X_L_ 0603LS-151X_L_ 0603LS-181X_L_ 0603LS-241X_L_ 0603LS-271X_L_ 0603LS-331X_L_ 0603LS-391X_L_ 0603LS-471X_L_ 0603LS-561X_L_ 0603LS-681X_L_ 0603LS-781X_L_ 0603LS-821X_L_ 0603LS-102X_L_ 0603LS-122X_L_ 0603LS-152X_L_ 0603LS-182X_L_ 0603LS-222X_L_ 0603LS-272X_L_ 0603LS-332X_L_ 0603LS-392X_L_ 0603LS-472X_L_ 0603LS-562X_L_ 0603LS-682X_L_ 0603LS-782X_L_ 0603LS-822X_L_ 0603LS-103X_L_ 0603LS-153X_L_ 0603LS-183X_L_ 0603LS-223X_L_
47 @ 7.9 MHz 51 @ 7.9 MHz 72 @ 7.9 MHz 100 @ 7.9 MHz 120 @ 7.9 MHz 150 @ 7.9 MHz 180 @ 7.9 MHz 240 @ 7.9 MHz 270 @ 7.9 MHz 330 @ 7.9 MHz 390 @ 7.9 MHz 470 @ 7.9 MHz 560 @ 7.9 MHz 680 @ 7.9 MHz 780 @ 7.9 MHz 820 @ 7.9 MHz 1000 @ 7.9 MHz 1200 @ 7.9 MHz 1500 @ 7.9 MHz 1800 @ 7.9 MHz 2200 @ 7.9 MHz 2700 @ 7.9 MHz 3300 @ 7.9 MHz 3900 @ 7.9 MHz 4700 @ 7.9 MHz 5600 @ 7.9 MHz 6800 @ 7.9 MHz 7800 @ 7.9 MHz 8200 @ 7.9 MHz 10,000 @ 2.5 MHz 15,000 @ 2.5 MHz 18,000 @ 2.5 MHz 22,000 @ 2.5 MHz
5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2
12 @ 7.9 MHz 12 @ 7.9 MHz 12 @ 7.9 MHz 12 @ 7.9 MHz 12 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 15 @ 7.9 MHz 12 @ 2.5 MHz 20 @ 2.5 MHz 20 @ 2.5 MHz 22 @ 2.5 MHz
1500 1400 1400 1150 1100 1050 950 800 775 725 620 540 525 260 460 410 190 160 100 80 68 60 42 40 34 32 31 28 26 25 23 22 19
0.075 0.075 0.12 0.13 0.15 0.15 0.15 0.16 0.30 0.46 0.51 0.62 0.44 0.52 0.83 0.69 0.81 0.87 0.96 1.1 1.2 1.5 1.5 1.6 2.1 2.6 3.1 3.5 3.6 4.8 7.1 7.6 8.81
1.40 1.00 1.40 1.40 1.40 1.30 1.30 0.95 0.71 0.56 0.50 0.42 0.55 0.47 0.39 0.40 0.40 0.37 0.35 0.35 0.32 0.28 0.28 0.28 0.26 0.24 0.20 0.20 0.19 0.18 0.17 0.16 0.13
Black Violet Brown Red Orange Yellow Green Violet Gray White Black Brown Red Orange Yellow Green Blue Violet Gray White Black Brown Red Orange Yellow Green Black Blue Violet Gray White Brown Black
B1 B1 B1 B1 B1 B1 B1 B1 B1 B1 B1 B1 B1 B2 B1 B2 B2 B2 B2 B2 B2 B2 B2 B2 B2 B2 B2 B2 B2 B2 B2 B2 B2
1. When ordering, specify tolerance, termination and packaging codes: 0603LS-822XJLC Tolerance: G = 2% J = 5% (Table shows stock tolerances in bold.) Termination: L = RoHS compliant silver-palladium-platinum-glass frit. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape (2000 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. 2. Inductance measured at 0.1 Vrms, using Coilcraft SMD-A fixture in Agilent/HP 4286A impedance analyzer with Coilcraft-provided correlation pieces. 3. Q measured on Agilent/HP 4395A with Agilent/HP 16193 test fixture. 4. SRF measured using Agilent/HP 8753D network analyzer with Coilcraft SMD-D test fixture. 5. DCR measured on Cambridge Technology Micro-ohmmeter. 6. Current that causes a 15C temperature rise from 25C ambient. Because of their open construction, these parts will not saturate. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
B overall C D
H I J I
F
A
G F E terminal
Terminal wraparound: approx 0.008/0,20 both ends
Recommended Land Pattern
A max
B
C max
D ref
E
F
G
H
I
J
0.071 See 0.044 0.015 0.030 0.013 0.034 0.040 0.025 0.025 inches 1,80 note 1,12 0,38 0,76 0,33 0,86 1,02 0,64 0,64 mm
Note: B1 = 0.040 0.004 in / 1,016 0,102 mm B2 = 0.046 0.004 in / 1,169 0,102 mm
Specifications subject to change without notice. Please check our website for latest information.
Document 264-2
Revised 10/06/08
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of 0603LS-101XL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X